|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CYV270M0101EQ Adaptive Video Cable Equalizer Features Functional Description The CYV270M0101EQ is an adaptive video cable equalizer designed to equalize and restore signals received over 75 coaxial cable. The equalizer meets SMPTE 259M data rates and is optimized for performance at 270 Mbps. The CYV270M0101EQ is optimized to equalize up to 350m of Canare L-5CFB and Belden 1694A coaxial cable at 270 Mbps. The CYV270M0101EQ connects seamlessly to the HOTLink II family of transceivers and HOTLink receivers. The CYV270M0101EQ has DC restoration for compensation of the DC content of the SMPTE pathological patterns. A cable length indicator (CLI) provides an indication of the cable length equalized at SD-SDI data rates. The maximum cable length adjust (MCLADJ) sets the approximate maximum cable length to equalize. The CYV270M0101EQ differential serial outputs (SDO, SDO) mute when the approximate cable length set by MCLADJ is reached. CD/MUTE is a bidirectional pin that provides an indication of the signal present at the equalizer inputs. It also controls muting the outputs of the equalizer. Power consumption is typically 160 mW at 3.3V. Adaptive cable equalization SMPTE 259M compliant Supports DVB-ASI at 270 Mbps Multi standard operation from 143 Mbps to 360 Mbps Cable length indicator for SD-SDI data rates Maximum cable length adjustment for SD-SDI data rates Carrier detect and mute functionality for SD-SDI data rates Equalizer bypass mode Seamless connection with HOTLink IITM family and HOTLink(R) receiver Equalizes up to 350m of Canare L-5CFB and Belden 1694A coaxial cable at 270 Mbps Low power 160 mW at 3.3V Single 3.3V supply 16-pin SOIC 0.18 m CMOS technology Pb-free and RoHS compliant Uses Cypress CLEANLinkTM technology Pin compatible to existing equalizer devices Equalizer System Connection Diagram HOTLink II Serializer Cable Driver Serial Links Copper Cable Connections CYV270M0101EQ Adaptive Cable Equalizer HOTLink II Deserializer Cypress Semiconductor Corporation Document Number: 001-06830 Rev. *B * 198 Champion Court * San Jose, CA 95134-1709 * 408-943-2600 Revised October 25, 2007 [+] Feedback CYV270M0101EQ Equalizer Block Diagram CYV270M0101EQ Adaptive Video Cable Equalizer Block Diagram CYV270M0101EQ Adaptive Video Cable Equalizer Block Diagram Cable Length Analog Adjustor and Mute Threshold Block Carrier Detect and Mute Control Block MUTE CD MCLADJ DC Restore BYPASS SDI, SDI Equalizer Differential Output SDO, SDO Pinouts Figure 1. Pin Diagram - 16 Pin SOIC (Top View) CLI VCC GND SDI SDI GND AGC+ AGC2 3 4 CYV270M0101EQ 5 6 7 8 12 11 10 9 SDO GND MCLADJ BYPASS 16 15 14 13 CD/MUTE VCC GND SDO Document Number: 001-06830 Rev. *B Page 2 of 10 [+] Feedback CYV270M0101EQ Table 1. Pin Descriptions - CYV270M0101EQ Single Channel Cable Equalizer Name Control Signals CLI CD/MUTE Analog Output LVTTL IO Cable Length Indicator. CLI provides an analog voltage proportional to the equalized cable length. Carrier Detect/Mute Indicator. Output: When the incoming data stream is present and the cable length does not exceed that set by MCLADJ, the CD/MUTE outputs a voltage less than 0.8V. When the incoming data stream is not present or the cable length exceeds that set by MCLADJ, the CD/MUTE outputs a voltage greater than 2.8V. Input: When the CD/MUTE pin is set LOW, the equalizer's differential serial outputs are not muted. When the CD/MUTE pin is set HIGH, the equalizer's differential serial outputs are muted. MCLADJ Analog Input Maximum Cable Length Adjust. The maximum equalized cable length is set by the voltage applied to the MCLADJ input. When the maximum cable length set by MCLADJ is reached, CD is driven high and the differential output is muted. If MCLADJ functionality is not needed, this pin should be left floating or tied to ground to allow maximum equalized cable length. BYPASS LVTTL Input Equalizer Bypass. When BYPASS is set HIGH, the signal presented at the equalizer's differential serial inputs (SDI, SDI) is routed to the equalizer's differential serial outputs (SDO, SDO) without equalizing. When BYPASS is set LOW, the incoming video data stream is equalized and presented at the equalizer`s serial differential outputs (SDO, SDO). In equalizer bypass mode, CD/MUTE is not functional. AGC SDO, SDO SDI, SDI Power VCC GND Power Gnd +3.3V Power. Connect to Ground. Analog Differential Output Differential Input Automatic Gain Control. Place a capacitor of 1 F between the AGC pins. Differential Serial Outputs. The equalized serial video data stream is presented at the SDO/SDO differential serial CML output. Differential Serial Inputs. SDI/SDI accepts either a single-ended or differential serial video data stream over 75 coaxial cable. IO Characteristics Signal Description Document Number: 001-06830 Rev. *B Page 3 of 10 [+] Feedback CYV270M0101EQ Equalizer Operation The CYV270M0101EQ is an adaptive video cable equalizer designed to equalize standard definition (SD) serial digital interface (SDI) video data streams. The CYV270M0101EQ equalizer is optimized to equalize up to 350m of Canare L-5CFB and Belden 1694A cable at 270 Mbps. The device contains one power supply and typically consumes 160 mW power at 3.3V. The adaptive equalizer meets the SMPTE 259M and DVB-ASI video standards. It meets all pathological requirements for SMPTE 259M as defined by RP178. The CYV270M0101EQ Video Cable Equalizer is auto adaptive from 143 Mbps to 360 Mbps. The CYV270M0101EQ equalizer has variable gain and multiple equalization stages that reverse the effects of the cable. This equalization is achieved by separate regulation of the lower and higher frequency components in the signal to give a clean output eye diagram. The CYV270M0101EQ has DC restoration to compensate the DC content of the SMPTE pathological patterns. MCLADJ Maximum Cable Length Adjust (MCLADJ) sets the approximate maximum amount of cable to be equalized. If the MCLADJ voltage is greater than the CLI output voltage, CD is driven high and the equalizer serial differential outputs (SDO, SDO) are muted. If the MCLADJ voltage is less than CLI voltage, then the equalizer's differential serial outputs (SDO, SDO) are not muted and the incoming data stream is equalized. The graph in Figure 2 on page 7 illustrates the voltage required at MCLADJ input to equalize various Belden 1694A cable lengths for SD data rates. If MCLADJ functionality is not required, this pin should be left floating or tied to ground to allow maximum equalized cable length. CD/MUTE Carrier Detect/MUTE (CD/MUTE) is a bidirectional pin that provides an indication of the signal present at the equalizer's input, or it controls the muting of the equalizer's output. If CD/MUTE is used as an output and the incoming data stream is not present or the cable length exceeds that set by MCLADJ, the voltage at the CD/MUTE output is greater than 2.8V. If CD/MUTE is used as an output, the incoming data stream is present and the cable length does not exceed that set by MCLADJ, then the voltage at the CD/MUTE output is less than 0.8V. If CD/MUTE is used as an input, and set LOW, the equalizer serial outputs are not muted. If the CD/MUTE is used as an input and is set HIGH, then the equalizer serial outputs are muted. When an invalid signal or a signal transmitted with a launch amplitude of less than 500 mV at SD data rates is received, the equalizer's serial outputs are muted and the MCLADJ setting is overwritten. SDI, SDI The CYV270M0101EQ accepts single-ended or differential serial video data streams over 75 coaxial cable. It is recommended to AC couple the SDI and SDI inputs as they are internally biased to 1.2V. SDO, SDO The CYV270M0101EQ has differential serial output interface drivers that use current mode logic [CML] drivers to provide source matching for the transmission line. These outputs are either AC coupled or DC coupled to the HOTLink II SerDes device. CLI Cable Length Indicator (CLI) is an analog output that gives an output voltage proportional to the equalized cable length. CLI gives an approximation of the length of cable at the differential serial inputs (SDI, SDI). CLI works at standard definition (SD) data rates. The graph in Figure 3 on page 7 illustrates the CLI output voltage at various Belden 1694A cable lengths. With an increase in cable length, CLI output voltage decreases. BYPASS The CYV270M0101EQ has a bypass mode that allows the user to bypass the equalizer's equalization and DC restoration functions. When the Bypass mode is tied to VCC, the signal presented at the equalizer's differential serial inputs (SDI, SDI) is routed to the equalizer's differential serial outputs (SDO, SDO) without performing equalization. When BYPASS is tied to GND, the incoming video data stream is equalized and presented at the equalizer`s differential serial outputs (SDO, SDO). In equalizer bypass mode, CD/MUTE is not functional. AGC Place a capacitor of 1 F between the AGC pins of the CYV270M0101EQ equalizer. Document Number: 001-06830 Rev. *B Page 4 of 10 [+] Feedback CYV270M0101EQ Maximum Ratings Exceeding maximum ratings may shorten the useful life of the device. These user guidelines are not tested. Storage Temperature .................................. -65C to +150C Ambient Temperature with Power Applied ............................................ -55C to +125C Supply Voltage to Ground Potential................-0.5V to +3.8V DC Voltage Applied to Outputs in High Z State ....................................... -0.5V to VCC + 0.5V DC Input Voltage ..................................... -0.5V to VCC+0.5V Electro Static Discharge (ESD) HBM....................... > 2000 V (JEDEC EIA/JESD-A114A) Latch Up Current .................................................... > 200 mA Power Up Requirements The CYV270M0101EQ contains one power supply. The voltage on any input or IO pin must not exceed the power pin during power up. Operating Range Range Commercial Ambient Temperature 0C to +70C VCC +3.3V 5% DC Electrical Characteristics Parameter VCC PD IS VCMOUT VCMIN Supply Power Supply Description Voltage[1] Consumption[2] Current[1] - - - Load = 50 - - - - - - [1] Test Conditions Min 3.135 125 38 - 1 0 2.2 1.5 0.4 2.8 - 2.5 - Typ 3.3 160 48 VCC - VSDO/2 = 2.9 Max 3.465 190 60 - 1.4 2.9 Unit V mW mA V V V V V V V V V V V Output Common Mode Voltage[1] Input Common Mode Voltage[1] (Bypass = High) Input Common Mode Voltage[1] (Bypass = Low) - - - - VCD/MUTE(OL) VCD/MUTE VCD/MUTE CLI DC Voltage (0m)[1] CLI DC Voltage (No MCLADJ Range[3] Signal)[1] Voltage[1] Floating MCLADJ DC 2.65 1.9 1.3 0.72 - - - - 2.95 2.3 1.02 - 0.8 - 1 VCD/MUTE(OH) CD/MUTE Output Voltage Carrier Not Present Carrier Present Min to Mute Max to Activate CD/MUTE Input Voltage Required to Force Outputs to Mute[1] CD/MUTE Input Voltage Required to Force Active[1] Notes 1. Production test. 2. Calculated results from production test. 3. Not tested. Based on characterization. Document Number: 001-06830 Rev. *B Page 5 of 10 [+] Feedback CYV270M0101EQ AC Electrical Characteristics Parameter - VSDI VSDO - Description Serial Input Data Rate Input Voltage Swing Output Voltage Swing[1] Output Jitter for Various Cable Lengths and Data Rates [1] Test Conditions - Single-ended, at the transmitter, SD data rate Differentialp-p, 50 load 270 Mbps Belden 1694A: 0-350m Canare L-5CFB: 0-350m 800 mV transmit amplitude Equalizer pathological pattern 20% - 80% - SD Color Bar Pattern - - Single-ended Single-ended Single-ended Min 143 500[5] 450 - Typ - Max 360 1200 Unit Mbps mV mV UI 700 0.2[1] 950 - - - - - - - - - Output Rise/Fall Time[3, 4] Mismatch in Rise/Fall Duty Cycle Overshoot[3, 4] Input Return Input Input Loss[3, 4] Resistance[3] Capacitance[3] Time[3, 4] Distortion[3, 4] 80 - - - -15 - - - 120 - 0.03 - - 2.5 1 50 350 30 - 10 - - - - ps ps UI % dB k pF Output Resistance[3] Notes 4. Not tested. Guaranteed by design simulations. 5. Based on characterization across temperature and voltage with 350m of Belden 1694A cable, transmitting SMPTE Equalizer Pathological Test Pattern. Document Number: 001-06830 Rev. *B Page 6 of 10 [+] Feedback CYV270M0101EQ Typical Performance Graphs (Unless otherwise stated, VCC = 3.3V, TA = 25C) Figure 2. MCLADJ Input Voltage vs. Belden 1694A Cable Length at SD-SDI Data Rate 2 .7 2 .6 2 .5 2 .4 VOLTAGE (V) 2 .3 2 .2 2 .1 2 1 .9 1 .8 1 .7 0 50 100 150 200 250 300 350 C A B L E L E N G T H (m ) Figure 3. CLI Output Voltage vs. Belden 1694A Cable Length at SD-SDI Data Rate 2 .7 2 .6 2 .5 2 .4 VOLTAGE (V) 2 .3 2 .2 2 .1 2 1 .9 1 .8 1 .7 0 50 100 150 200 250 300 350 C A B L E L E N G T H (m ) Document Number: 001-06830 Rev. *B Page 7 of 10 [+] Feedback CYV270M0101EQ Typical Application Circuit Figure 4. Interfacing CYV270M0101EQ to the HOTLink II SerDes C D / MU T E CL I +3.3V L FI R XD 7 R XD 6 R XD 5 R XD 4 R XD 3 R XD 2 R XD 1 R XD 0 R XO P R XS T2 R XS T1 R XS T0 R XC LK + R XC LK - R XC LK C+ R XL E S DA SE L L PE N IN SE L IN1+ IN1 - FR AMC HA R RFE N R FMOD E D EC MOD E RX CK SE L RX MOD E RX RA TE +3.3V C12 0.01 F Z0 2 Z0 R18 C10 16 15 14 13 12 11 10 9 0. 01 F CD/MUTE CLI VCC VCC VEE VEE SDO SDI SDO SDI VEE VEE MCLADJ AGC+ BYPASS AGC- 1 2 3 4 5 6 7 8 C15 1 F R16 BNC JACK 75 C16 75 1 F L2 6.4 n H + Z0 1 F 37.4 R15 75 R14 CYV270M0101EQ MC L A D J C11 CYV15G0101DXB Document Number: 001-06830 Rev. *B Page 8 of 10 [+] Feedback CYV270M0101EQ Ordering Information Ordering Code CYV270M0101EQ-SXC Package Name SZ16.15 Package Type Pb-Free 16-Pin 150 Mil SOIC Operating Range 0 to 70C Package Dimensions Figure 5. 16-Pin (150 Mil) SOIC S16.15 51-85068-*B Document Number: 001-06830 Rev. *B Page 9 of 10 [+] Feedback CYV270M0101EQ Document History Page Document Title: CYV270M0101EQ Adaptive Video Cable Equalizer Document Number: 001-06830 Rev. ** *A *B Ecn No. 427547 663916 1396423 Issue Date SEE ECN SEE ECN SEE ECN Orig. Of Change BCD FRE UKK/AESA Description Of Change New preliminary datasheet Updated AC and DC parameters. Changed datasheet status from preliminary to final Updated AC and DC electrical characteristics and pin description of CD/MUTE and MCLADJ (c) Cypress Semiconductor Corporation, 2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement. Document Number: 001-06830 Rev. *B Revised October 25, 2007 Page 10 of 10 PSoC DesignerTM, Programmable System-on-ChipTM, and PSoC ExpressTM are trademarks and PSoC(R) is a registered trademark of Cypress Semiconductor Corp. All other trademarks or registered trademarks referenced herein are property of the respective corporations. Purchase of I2C components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips. HOTLink is a registered trademark and HOTLink II is a trademark of Cypress Semiconductor. All other trademarks or registered trademarks referenced herein are property of the respective corporations. All products and company names mentioned in this document may be the trademarks of their respective holders. [+] Feedback |
Price & Availability of CYV270M0101EQ0710 |